Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 2Page - STMicroelectronics AN4569 Datasheet HTML 3Page - STMicroelectronics AN4569 Datasheet HTML 4Page - STMicroelectronics AN4569 Datasheet HTML 5Page - STMicroelectronics AN4569 Datasheet HTML 6Page - STMicroelectronics AN4569 Datasheet HTML 7Page - STMicroelectronics AN4569 Datasheet HTML 8Page - STMicroelectronics AN4569 Datasheet HTML 9Page - STMicroelectronics AN4569 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2.1-channel application using one device
AN4569
6/29
DocID026803 Rev 1
2
2.1-channel application using one device
2.1
Schematic
Figure 1. 2.1-channel application with one device
In this configuration only one device has been used. The CONFIG pin must be connected to
GND.
2.1.1
Component selection
The selection of components is a key factor for the cost of the entire application.
The following list includes components grouped according to different sections of the
schematic:
-Decoupling capacitors on VDD_DIG and PLL_VDD pins are 100 nF low voltage;
-Decoupling capacitors on VCC pins (100 nF, 1 uF and 100 uF) must be aligned with the
external power supply used. If 24 V is used, the rate for the capacitors must be 35 V;
-Decoupling capacitors on the internal regulator (C6 and C7 in the schematic) can have a
low voltage rate. This because they are 3.3 V regulators;
-Coil saturation current is compatible with the peak current of the application;
-The size of the resistor divider (R5, R6, R7 and R8) must be selected according to the VCC
selected;
-The rate for the capacitors divider (C19, C20, C21 and C22) must be selected according to
the VCC selected;
-The size of the resistor and capacitor dividers must be selected according to the output
load and desired curve response. In Section 2.1.7: DC cut, there is a detailed explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com