Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 5Page - STMicroelectronics AN4569 Datasheet HTML 6Page - STMicroelectronics AN4569 Datasheet HTML 7Page - STMicroelectronics AN4569 Datasheet HTML 8Page - STMicroelectronics AN4569 Datasheet HTML 9Page - STMicroelectronics AN4569 Datasheet HTML 10Page - STMicroelectronics AN4569 Datasheet HTML 11Page - STMicroelectronics AN4569 Datasheet HTML 12Page - STMicroelectronics AN4569 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
DocID026803 Rev 1
9/29
AN4569
2.1-channel application using one device
29
2.1.4
Snubber network
Figure 5. Schematic for snubber section
The function of a snubber network is to absorb energy from reactance in the power circuit.
The purpose of the RC snubber is to avoid unnecessary high pulse energy such as a spike
in the power circuit which is dangerous to the system. By using the snubber network, the
energy (big spike) is transferred within the snubber network, allowing safe operation of the
system.
The snubber network is a part of the schematic that is layout dependent. The values shown
in the schematic (R = 22 ohm, C = 330 pF) represent the best solution for the ST demo
board.
In Figure 5 there are two types of snubber: BTL and single-ended.
Differential snubber
The power on this network is dependent on the power supply, frequency and capacitor value
using the following formula:
PDiff = C * f * (2 * VCC)2
The power must be dissipated on the series resistor.
Single-ended snubber
This type of snubber is used to increase the efficiency or, otherwise, must be used if the
output configuration is single-ended. In a single-ended snubber the power on the network is:
Equation 1
2.1-channel single device - power on snubber
PSE = C * f * (VCC)2
PSE = PDiff / 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com