Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 15Page - STMicroelectronics AN4569 Datasheet HTML 16Page - STMicroelectronics AN4569 Datasheet HTML 17Page - STMicroelectronics AN4569 Datasheet HTML 18Page - STMicroelectronics AN4569 Datasheet HTML 19Page - STMicroelectronics AN4569 Datasheet HTML 20Page - STMicroelectronics AN4569 Datasheet HTML 21Page - STMicroelectronics AN4569 Datasheet HTML 22Page - STMicroelectronics AN4569 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DocID026803 Rev 1
19/29
AN4569
2.1-channel applications using two devices
29
3.1.6
Damping network
Figure 17. Schematics for damping network section
The purpose of the damping network is to avoid the high-frequency oscillation issue on the
output circuit. After using the damping network the THD can be improved and the damping
network can also avoid the inductive copper on the PCB routing when the system is working
on high frequency with the PWM or PCM.
The C-R-C is mainly intended for high inductive loads.
The following table shows the recommended values for the components.
Table 4. 2.1 channels, two devices - damping network values
Rload
8 Ω
6 Ω
4 Ω
3 Ω
C10S, C11S, C12S,
C13S, C9M, C12M
100 nF
100 nF
220 nF
220 nF
C14S, C15S, C16S,
C17S, C10M, C11M
100 nF
100 nF
220 nF
220 nF
R4S, R5S, R6S, R7S,
R3M, R4M
6.2
4.7
3.3
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com