Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 13Page - STMicroelectronics AN4569 Datasheet HTML 14Page - STMicroelectronics AN4569 Datasheet HTML 15Page - STMicroelectronics AN4569 Datasheet HTML 16Page - STMicroelectronics AN4569 Datasheet HTML 17Page - STMicroelectronics AN4569 Datasheet HTML 18Page - STMicroelectronics AN4569 Datasheet HTML 19Page - STMicroelectronics AN4569 Datasheet HTML 20Page - STMicroelectronics AN4569 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DocID026803 Rev 1
17/29
AN4569
2.1-channel applications using two devices
29
The snubber network is a part of schematic that is layout dependent. The values shown in
the schematic (R = 22 ohm, C = 330 pF) represent the best solution for the ST demo board.
In Figure 15 there are two types of snubber: BTL and single-ended. It is possible to select a
differential or single-ended snubber according to the power dissipation on the resistor and
within layout constraints.
Differential snubber
The power on this network is dependent on the power supply, frequency and capacitor value
using the following formula:
The power must be dissipated on the series resistor.
Single-ended snubber
This type of snubber is used to increase the efficiency or, otherwise, must be used if the
output configuration is single-ended. For a single-ended snubber the power on the network
is given in the equation below.
Equation 4
2.1 channels, two devices - power on snubber
PDiff
Cf
2VCC

2
=
PSE
Cf
VCC

2
=
PSE
PDiff 4
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com