Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 14Page - STMicroelectronics AN4569 Datasheet HTML 15Page - STMicroelectronics AN4569 Datasheet HTML 16Page - STMicroelectronics AN4569 Datasheet HTML 17Page - STMicroelectronics AN4569 Datasheet HTML 18Page - STMicroelectronics AN4569 Datasheet HTML 19Page - STMicroelectronics AN4569 Datasheet HTML 20Page - STMicroelectronics AN4569 Datasheet HTML 21Page - STMicroelectronics AN4569 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
2.1-channel applications using two devices
AN4569
18/29
DocID026803 Rev 1
3.1.5
Main filter
Figure 16. Schematics for main filter section
The purpose of the main filter is to cut off the frequency above the audible range of 20 kHz.
The main filter is designed using the Butterworth method to define the cutoff frequency. In
order to have a clean amplifier, a cutoff frequency above 20 kHz is mandatory.
For class D amplifiers, the output load is a part of the filter. The following formulas are used
to verify the values of LC components.
Equation 5
2.1 channels, two devices - main filter
The following table shows the recommended values for the components.
Table 3. Component values for 2.1-channel applications, two devices
Rload
8 Ω
6 Ω
4 Ω
3 Ω
L1S, L2S, L3S, L4S, L1M, L2M
22 μH
15 μH
10 μH
10 μH
C18S, C19S, C13M
470 nF
680 nF
1 μF1 μF
Cload
C11
C12
C13
1
2
Rload
fcutoff
-----------------------------------------------------
====
Lload
L1S
L2S
L3S
L4S
L1M
L2M
Rload
2
2
fcutoff
----------------------------------------------
=====
=
=
fcutoff
1
2
2Lload
Cload
-----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com