Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 3Page - STMicroelectronics AN4569 Datasheet HTML 4Page - STMicroelectronics AN4569 Datasheet HTML 5Page - STMicroelectronics AN4569 Datasheet HTML 6Page - STMicroelectronics AN4569 Datasheet HTML 7Page - STMicroelectronics AN4569 Datasheet HTML 8Page - STMicroelectronics AN4569 Datasheet HTML 9Page - STMicroelectronics AN4569 Datasheet HTML 10Page - STMicroelectronics AN4569 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID026803 Rev 1
7/29
AN4569
2.1-channel application using one device
29
2.1.2
Decoupling capacitors
Figure 2. Schematic for decoupling
The decoupling capacitors on high-voltage pins (C24, C25, C26 and C27) must be placed
as close as possible to the VCC pins. This is in order to avoid parasitic induction with the
copper wires on the PC board. For each VCC pin, two capacitors are needed
(100 nF and 1 μF). The meaning of each decoupling component is as follows:
C23 is a part of the power supply and it is used as a far tank capacitor.
The 100 nF capacitors (C24 and C25) smooth the high-frequency spikes
The 1 μF capacitors (C26 and C27) smooth the low-frequency spikes and they are also
used as a close tank for the 100 nF capacitor.
The decoupling capacitors on the VDD_DIG and PLL_VDD pins (C1, C2 and C3) are placed
close the pins.
The reason that the VDD_DIG and PLL_VDD pins are separated with beads is to avoid high
frequencies on VDD_DIG. It is possible to eliminate these components if the layout is done
with a right star connection.
The decoupling capacitors on the regulators (C6 and C7) are also placed close to the
device.
All decoupling capacitors must be X7R. This dielectric is preferable because the X7R
capacitor is stable over temperature changes (±15%).
For example, the Y5V dielectric is very unstable (specs are +22% -82%).
The following figure shows the THD at different values of the tank capacitor (C23) in the ST
demo board using the bench power supply. The minimum THD is similar using10 μF or
1000 μF capacitors. The main difference is at medium-high power where the tank is not
enough to guarantee the peak current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com