Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 8Page - STMicroelectronics AN4569 Datasheet HTML 9Page - STMicroelectronics AN4569 Datasheet HTML 10Page - STMicroelectronics AN4569 Datasheet HTML 11Page - STMicroelectronics AN4569 Datasheet HTML 12Page - STMicroelectronics AN4569 Datasheet HTML 13Page - STMicroelectronics AN4569 Datasheet HTML 14Page - STMicroelectronics AN4569 Datasheet HTML 15Page - STMicroelectronics AN4569 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
2.1-channel application using one device
AN4569
12/29
DocID026803 Rev 1
In single-ended applications the output signal must vary between -Vcc/2 and +Vcc/2 instead
of -Vcc +Vcc as in BTL mode. For this reason a dedicated electrolytic capacitor must be
connected between the PWM output and speaker as shown in Figure 8.
The purpose of the resistive divider (R5 and R6 for OUT1, R7 and R8 for OUT2) is to take
the output at half the supply when the device is in tri-state. The aim is to charge slowly the
decoupling capacitor at the turn-on of the power supply in order to avoid “pops”.
The value of the electrolytic capacitor is related to the load impedance and the lower limit of
the audio bandwidth. The value is determined using the following formula:
Equation 3
Series capacitor value in SE configuration
To improve the audio performance (pop and noise) and to reduce the size of components, it
is possible to split the electrolytic capacitor into two capacitors of equal value (half the
value), as shown in Figure 9.
In this case the output speaker is not connected to GND, but it is connected to the same
potential as the PWM output (virtual GND). To avoid a "pop", the bridge must be muted for 4
or more R * C time constant where R = R7 and C = C22.
The recommended schematic is shown in Figure 9.
2.2
Software configuration
In order to set the device in 2.1-channel configuration, change the register configuration
0x05 (configuration register F) from 0x5C (default) to 0x5D.
To switch on the power bridge, set to one the bit D7 of register 0x05.
Table 2. DC cut - resistor and capacitor values
Rload
8 Ω
6Ω
4 Ω
3 Ω
R5, R6, R7, R8
6.2 kΩ
4.7 kΩ
3.3 kΩ
2.7 kΩ
C19, C20, C21, C22
82 μF
100 μF
180 μF
220 μF
C19
C21
1
2
f3dB
Zspkr
------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com