Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 16Page - STMicroelectronics AN4569 Datasheet HTML 17Page - STMicroelectronics AN4569 Datasheet HTML 18Page - STMicroelectronics AN4569 Datasheet HTML 19Page - STMicroelectronics AN4569 Datasheet HTML 20Page - STMicroelectronics AN4569 Datasheet HTML 21Page - STMicroelectronics AN4569 Datasheet HTML 22Page - STMicroelectronics AN4569 Datasheet HTML 23Page - STMicroelectronics AN4569 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
2.1-channel applications using two devices
AN4569
20/29
DocID026803 Rev 1
3.1.7
EMI filter
Figure 18. Schematics for EMI filter section
The purpose of the EMI filter is to avoid radiated emission. It is composed of three
capacitors: two 10 nF capacitors must be connected to GND and one 1nF capacitor must be
connected parallel to the speaker. The values of this capacitor must be trimmed in the
application.
3.2
Software configuration
No SW modifications are needed for the device that works in stereo BTL mode.
For the device that works in mono BTL mode, change the register configuration 0x05
(configuration register F) from 0x5C (default) to 0x5F to set to a single channel
configuration.
To switch on the power bridge, set to one the bit D7 of register 0x05.
To adjust the volume using a mono BTL device, change the channel 3 volume register
(address 0x0A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com