Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 9Page - STMicroelectronics AN4569 Datasheet HTML 10Page - STMicroelectronics AN4569 Datasheet HTML 11Page - STMicroelectronics AN4569 Datasheet HTML 12Page - STMicroelectronics AN4569 Datasheet HTML 13Page - STMicroelectronics AN4569 Datasheet HTML 14Page - STMicroelectronics AN4569 Datasheet HTML 15Page - STMicroelectronics AN4569 Datasheet HTML 16Page - STMicroelectronics AN4569 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DocID026803 Rev 1
13/29
AN4569
2.1-channel applications using two devices
29
3
2.1-channel applications using two devices
3.1
Schematics
Figure 10. Schematic of stereo BTL configuration
Figure 11. Schematic of mono BTL configuration
In this configuration, two devices must be used.
The I2C address pin (SA) must be set to 0 in one device and to 3.3 V in the other.
The CONFIG pin must be connected to GND for the device that is configured in stereo BTL
mode and it must be connected to Vdd (pin 15) for the device that is configured in mono
BTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com