Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4569 Datasheet HTML 6Page - STMicroelectronics AN4569 Datasheet HTML 7Page - STMicroelectronics AN4569 Datasheet HTML 8Page - STMicroelectronics AN4569 Datasheet HTML 9Page - STMicroelectronics AN4569 Datasheet HTML 10Page - STMicroelectronics AN4569 Datasheet HTML 11Page - STMicroelectronics AN4569 Datasheet HTML 12Page - STMicroelectronics AN4569 Datasheet HTML 13Page - STMicroelectronics AN4569 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
2.1-channel application using one device
AN4569
10/29
DocID026803 Rev 1
2.1.5
Main filter
Figure 6. Schematic for main filter section
The purpose of the main filter is to cut off the frequency above the audible range of 20 kHz.
The main filter is designed using the Butterworth method to define the cutoff frequency. In
order to have a clean amplifier, a cutoff frequency above 20 kHz is mandatory.
For class-D amplifiers, the output load is a part of the filter. The following formulas are used
to verify the values of the LC components.
Equation 2
Main filter equation for SE and BTL
Following table show typical component value for standard output load.
Table 1. Component values for 2.1-channel, single-device applications
Rload
8 Ω
6 Ω
4 Ω
3 Ω
L1, L2
47 μH
33 μH
22 μH
15 μH
C11, C12
390 nF
470 nF
680 nF
1 μH
L3, L4
22 μH
15 μH
10 μH
10 μH
C13
470 nF
680 nF
1 μF1 μF
Cload
C11
C12
C13
1
2
Rload
fcutoff
-----------------------------------------------------
Lload
L3
L4
Rload
2
2fcutoff
----------------------------------------------
====
=
=
=
LSE
L1
L2
Rload
2fcutoff
-------------------------------------
===
fcutoff
1
2
2Lload
Cload
-----------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com