Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4569 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4569
Description  The purpose of the document is to show different possibilities
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4569 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4569 Datasheet HTML 1Page - STMicroelectronics AN4569 Datasheet HTML 2Page - STMicroelectronics AN4569 Datasheet HTML 3Page - STMicroelectronics AN4569 Datasheet HTML 4Page - STMicroelectronics AN4569 Datasheet HTML 5Page - STMicroelectronics AN4569 Datasheet HTML 6Page - STMicroelectronics AN4569 Datasheet HTML 7Page - STMicroelectronics AN4569 Datasheet HTML 8Page - STMicroelectronics AN4569 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DocID026803 Rev 1
5/29
AN4569
Overview
29
1
Overview
In the LCD-TV market the tendency to constantly reduce the thickness of thin-screen TVs
forces speaker manufacturers to design new components with very small dimensions.
The result of this process negatively impacts the quality of the sound reproduction because
the frequency response of the full range is very narrow and the sensitivity is quite low.
To reduce this issue, in high-quality LCD-TV sets the speaker system is often implemented
using a 2.1-channel active solution: 2 channels are dedicated to reproduce the mid and high
frequencies (for both left and right channels) while the lowest portion of the audio band,
usually below 200 Hz, is reproduced using a single large speaker (subwoofer channel)
enclosed in a suitable box. Each speaker is driven by a dedicated power amplifier (3 in total)
and the crossover filters are implemented using the DSP already present in the audio chain.
Although this solution should provide good performance, the audio quality the final user
perceives is not optimal because of the inferior quality of the speakers assembled in the TV
set.
All Sound Terminal® devices for the STA3xyBWz family can use different output
configurations.
The standard application for this kind of device is a stereo BTL configuration for left and right
channels. There are other possibilities:
1. Two BTL channels (left and right) + third channel for external bridge;
2. Two single-ended for left and right channels + third channel in BTL;
3. Mono BTL configuration.
With this scenario it is possible to have a three-channel output using one or two devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com