Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1978 Datasheet HTML 2Page - STMicroelectronics AN1978 Datasheet HTML 3Page - STMicroelectronics AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics AN1978 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AN1978 - APPLICATION NOTE
6/14
A better noise performance could be achieved connecting the VUP (100nF) capacitor between VUP and
VDDP instead of GND. Moreover, a 200nF capacitor should be connected to VDDP into GND in order to
obtain a higher current from the charge pump when pulsed load is applied on Vcc.
In the typical applications a 100nF filter capacitor is connected to the Vcc output, near the ST8004 pins
and another 100nF is connected, between C1 and C5, near the card slot as shown in Figure 7 and
Figure 9. In order to reduce the noise presence and avoid cross conduction effects the wire length
between ST8004 and the card should be as short as possible (a wire less than 5cm-long is suggested).
In this way the Vcc spikes are much lower than 350mVpp, even when an impulsive load up to 65mA is
applied, as specified in the NDS requirements.
Figure 7: Smart Card connection.
A typical Vcc output waveform, with an impulsive 65mA load applied (worst condition at f=55KHz;
D.C.=50%) is shown in Figure 8 where the measured ripple is lower than 240mVpp; the Vcc pin will be
able to handle fast current transient generated by the smart card and remain between 4.60V and 5.30V
for Class-A and between 2.7V and 3.3V for Class-B (including ripple).
15
16
19
18
17
14
13
10
11
12
CMDVCC
VTHSEL
Vcc
RST
CLK
PRES
I/O
AUX2
AUX1
CGND
100nF
C1
C2
C3
C4
C5
C6
C7
C8
100nF
K1
K2
To VDD
100K
Ω
C9
C10
J1
R1
CARD SLOT
CGND connections
between ST8004 and
Card should be short
and straight.
ST8004
C3 (CLK) wire
should be routed far
from the other card
contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com