Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics AN1978 Datasheet HTML 10Page - STMicroelectronics AN1978 Datasheet HTML 11Page - STMicroelectronics AN1978 Datasheet HTML 12Page - STMicroelectronics AN1978 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN1978 - APPLICATION NOTE
9/14
Figure 11: OFF behaviour on VDD drop.
Figure 12: Deactivation sequence automatically when spikes on VDD are present.
Conditions:
V
THSEL= Floating;
V
DD=4V to 2V;
V
DDP=5V;
5/3V=L.
CH1:CMDVCC
CH2: VDD
CH3: OFF
CH4: Vcc
When the V
DD voltage falls below
the Vth2 value (about 2.1V) a
deactivation sequence starts and
the OFF pin goes low until
CMDVCC rising edge happens.
Conditions:
V
THSEL= GND;
V
DD=4.5V to 3V;
V
DDP=5V;
5/3V=H.
CH1: Vcc
CH2: V
DD.
CH3: RST pin.
When the V
DD voltage falls
down the Vth3 value (about
3.0V) for more than 20
µs. a
deactivation
sequence
starts; the RST pin (CH3) is
the first that goes low.
Conditions:
V
THSEL= GND;
V
DD=4.5V to 3V;
V
DDP=5V;
5/3V=H.
CH1: Vcc
CH2: V
DD.
CH3: RST pin.
When the V
DD voltage falls
down the Vth3 value (about
3.0V) for more than 20
µs. a
deactivation
sequence
starts; the RST pin (CH3) is
the first that goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com