Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics AN1978 Datasheet HTML 10Page - STMicroelectronics AN1978 Datasheet HTML 11Page - STMicroelectronics AN1978 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AN1978 - APPLICATION NOTE
8/14
5. FAULT DETECTION
ST8004 provides a fault detection circuitry as shown in Figure 1 monitoring the following conditions:
- Over-temperature detection
- Fault on card removing
- VDD under-voltage
- Vcc Short circuit protection
5.1. VDD under-voltage
The ST8004 logic circuitry is supplied by VDD; in order to avoid voltage spikes causing bad behaviors of
device and card, a voltage supervisor block is embedded as shown in Figure 1.
This check block allows the deactivation of the card when the VDD voltage falls below the VTH2 or VTH3
threshold, depending on the VTHSEL selection.
The VTH3 threshold can be used when the microcontroller I/Os continue to work down to 2.85V. In order
to provide the correct CLK signal to the card until time t12, the application circuitry should ensure,
through filter capacitors, that the VDD voltage falls more slowly than 1.6V/ms. The VDD capacitors used
in the evaluation board are 10µF and 100nF.
When the VTHSEL is high or floating and the VDD voltage falls below VTH2, the supervisor starts the
deactivation sequence immediately as shown in Figure 13 and the OFF pin goes low (Figure 11).
When the VTHSEL is tied low and the VDD voltage falls below VTH3 for more than about 20µs, the
supervisor starts the deactivation sequence as shown in Figure 10.
Figure 10: Deactivation sequence when VDD falls down the VTH3 voltage
Conditions:
V
THSEL= GND;
V
DD=4V to 0V;
V
DD S.R.=0.015V/µs
V
DDP=5V;
5/3V=L.
When the V
DD voltage falls below
the Vth3 value (about 3.0V in this
case) a deactivation sequence
starts; after 20
µs the RST pin
goes low and then the other
signals follow the deactivation
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com