Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1978 Datasheet HTML 1Page - STMicroelectronics AN1978 Datasheet HTML 2Page - STMicroelectronics AN1978 Datasheet HTML 3Page - STMicroelectronics AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AN1978 - APPLICATION NOTE
4/14
Figure 4: Clock duty cycle on CLKDIV change
The clock signal can be obtained by a crystal connected between the XTAL1 and XTAL2 pins or by an
external signal applied to the XTAL1 pin; in this case the XTAL2 pin must be left floating. The external
signal voltage value must be enclosed between GND and VDD.
In the PCB design, in order to reduce the reflections especially for the high frequency, the Xtal should be
connected as close as possible to the XTAL pins, as shown in figure 5.
Figure 5: XTAL connection
Two compensation capacitors, lower than 22pF, can be used to improve the oscillator performance even
if the characterization tests remarked that the CLK Duty Cycle is enclosed between 45% and 55%,
CH1: output CLK waveform.
CH2: CLKDIV1 pin.
Conditions:
VDD=3.3V;
VDDP=5V;
5/3V=H;
CMDVCC=L.
F
XTAL1=10MHz;
CLKDIV2=0V;
The output Duty Cycle is 50%±5%
even if the Clock Division changes.
CH1: output CLK waveform.
CH2: CLKDIV1 pin.
Conditions:
VDD=3.3V;
VDDP=5V;
5/3V=H;
CMDVCC=L.
F
XTAL1=10MHz;
CLKDIV2=0V;
The output Duty Cycle is 50%±5%
even if the Clock Division changes.
XTAL1
VDD
XTAL2
GND
Compensation capacitors
2MHz to 26MHz XTAL (Y1)
100 mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com