Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1978 Datasheet HTML 1Page - STMicroelectronics AN1978 Datasheet HTML 2Page - STMicroelectronics AN1978 Datasheet HTML 3Page - STMicroelectronics AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1. INTRODUCTION
The ST8004 is a smart card interface designed to minimize the microprocessor hardware and software
complexity in all the applications that need a smart card, such as Set-Top-Boxes, electronic payments,
pay TV and identification.
The ST8004 is compliant with the NDS requirements. It implements all the blocks and procedures for the
card activation/deactivation as shown in the block diagram of figure 1.
Figure 1: ST8004 internal block diagram
INTERNAL
REFERENCE
SUPPLY
VOLTAGE
SUPERVISOR
STEP-UP CONVERTER
INTERNAL OSCILLATOR
2.5MHz
SEQUENCER
RST BUFFER
VCC
GENERATOR
CLOCK
BUFFER
THERMAL
PROTECTIO
I/O TRANSCEIVER
I/O TRANSCEIVER
I/O TRANSCEIVER
CLOCK
CIRCUITRY
OSCILLATOR
ST8004
VDD
S2
S1
VDDP
100nF
100nF
100nF
28
AUX2UC
I/OUC
CLKDIV2
AUX1UC
XTAL2
XTAL1
5/3V
CLKDIV1
CMDVCC
RSTIN
PVCC
22
27
25
24
19
26
2
23
3
21
6
1
7
5
17
14
15
10
9
4
12
11
13
RST
18
OFF
En5
En3
Vref
VTHSEL
PRES
GND
CLK
AUX2
PRES
I/O
AUX1
8
PGND
20
ALARM
VUP
VCC
En2
En1 CLKUP
CLK
En4
16
CGND
100nF
100nF
En4
June 2004
1/14
AN1978
APPLICATION NOTE
ST8004: SMART CARD INTERFACE


Similar Part No. - AN1978

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN197 SILABS-AN197 Datasheet
233Kb / 14P
SERIAL COMMUNICATIONS GUIDE FOR THE CP210X
logo
STMicroelectronics
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
ST7LITE0xxx MICROCONTROLLED BALLAST
17-Dec-2012
logo
Freescale Semiconductor...
AN1979 FREESCALE-AN1979 Datasheet
768Kb / 10P
Altimeter and Barometer System
More results

Similar Description - AN1978

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
SMART CARD INTERFACE
Dec-1992
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
Smart Card Interface
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
Smart Card Interface
Rev 2; 2/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com