Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics AN1978 Datasheet HTML 10Page - STMicroelectronics AN1978 Datasheet HTML 11Page - STMicroelectronics AN1978 Datasheet HTML 12Page - STMicroelectronics AN1978 Datasheet HTML 13Page - STMicroelectronics AN1978 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AN1978 - APPLICATION NOTE
12/14
Figure 16: Short-circuit on Vcc during the activation.
Figure 17: Short-circuit on Vcc after the activation.
Conditions:
V
DD= 3V
V
DDP=4.75V;
5/3V=H.
CH1: Vcc
CH2: CMDVCC.
CH3: RST .
CH4 : Vcc output current
In this case the short circuit
is
present
before
and
during
the
activation
sequence,
then
the
automatic
deactivation
starts as soon as the fault
is acknowledged.
Conditions:
V
DD= 3V
V
DDP=4.75V;
5/3V=H.
CH1: Vcc
CH2: CMDVCC.
CH3: RST .
CH4 : Vcc output current
In this case the short circuit
is
present
before
and
during
the
activation
sequence,
then
the
automatic
deactivation
starts as soon as the fault
is acknowledged.
Conditions:
V
DD= 3V
V
DDP=4.75V;
5/3V=H.
CH1: Vcc
CH2: CMDVCC.
CH3: RST .
CH4 : Vcc output current
In this case the short circuit
is
present
before
and
during
the
activation
sequence,
then
the
automatic
deactivation
starts as soon as the fault
is acknowledged.
Conditions:
V
DD= 3V
V
DDP=4.75V;
5/3V=H
CH1: Vcc
CH2: CMDVCC.
CH3: RST .
CH4 : Vcc output current
In this case the short
circuit
acts
after
the
activation sequence then
the automatic deactivation
starts after about 8µs.
Conditions:
V
DD= 3V
V
DDP=4.75V;
5/3V=H
CH1: Vcc
CH2: CMDVCC.
CH3: RST .
CH4 : Vcc output current
In this case the short
circuit
acts
after
the
activation sequence then
the automatic deactivation
starts after about 8µs.
Conditions:
V
DD= 3V
V
DDP=4.75V;
5/3V=H
CH1: Vcc
CH2: CMDVCC.
CH3: RST .
CH4 : Vcc output current
In this case the short
circuit
acts
after
the
activation sequence then
the automatic deactivation
starts after about 8µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com