Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1978 Datasheet HTML 1Page - STMicroelectronics AN1978 Datasheet HTML 2Page - STMicroelectronics AN1978 Datasheet HTML 3Page - STMicroelectronics AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN1978 - APPLICATION NOTE
5/14
without additional capacitors, even for a frequency higher than 26MHz.
Another recommendation about the CLK output is to keep the CLK wire far from the other signals
because inductive or capacitive effects could produce cross conduction on the transceiver lines.
Moreover it is better to shield the clock wire with a ground plain or track on the PCB.
4. STEP-UP CONVERTER AND POWER SUPPLY REGULATOR
The ST8004 can drive both 3V and 5V cards through the supply voltage selector 5/3V pin (pin 3) as
shown in Figure 6. If the 5/3V pin is to GND, the Vcc voltage is 3V and the internal Vcc regulator is
connected directly to the VDDP pin.
If the 5/3V pin is connected to VDD, the Vcc regulator is connected to the internal step-up converter, as
shown in Figure 6, in order to provide the high Vcc supply voltage (5V) even when the VDDP voltage is
lower than 5V.
Figure 6: Step-up converter block diagram.
The step-up converter is supplied by the VDDP pin; S1 and S2 pins are used to duplicate the supply
voltage through the 100nF pumping capacitor, while the charge pump output is connected to the VUP pin
that requires a 100nF storage capacitor to stabilize the voltage.
Due to the switching circuitry, a little noise is introduced so, in order to reduce it and improve the
efficiency of the step-up converter, the capacitors must be connected as close as possible to the pins as
shown in Figure 9 and are recommended with ESR lower than 50m
Ω @ 100kHz such as MURATA
GRM31M7U1H104JA01B. Anyway, also capacitor with ESR up to 100m
Ω @ 100kHz are enough to work
in specifications.
VUP
S1
VDDP
STEP-UP
CONVERTER
S2
100nF
3
6
7
5
L
OUTPUT
100nF
VCC
REGULATOR
17
PGND
100nF
VCC
ST8004
ON/OFF
H
PVCC
5/3V
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com