Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1978 Datasheet HTML 3Page - STMicroelectronics AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics AN1978 Datasheet HTML 10Page - STMicroelectronics AN1978 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN1978 - APPLICATION NOTE
7/14
Figure 8: Vcc loaded with a 65mA pulsed current.
Figure 9: Step-up and Vcc capacitors placement.
CH1: Vcc voltage; offset=5V;
BandWidth=250MHz.
CH4: Vcc output current into
GND.
Conditions:
VDD=3.3V;
VDDP=4.75V;
5/3V=H.
The Vcc voltage is between
4.6V and 5.3V even if a 65mA
sink pulsed current is forced.
V
DDP wire
VUP wire
PGND
S2
S1
V
DDP
V
UP
Card
connector
Vcc
C1 (Vcc)
Vcc
C1 (Vcc)
C2 (RST)
C3 (CLK)
C4 (AUX1)
C5(GND)
C6 (N.C.)
C7 (I/O)
C8 (AUX2)
Card
connector
C11:
100nF filter
capacitor
PRES and PRES
V
DDP wire
VUP wire
PGND
S2
S1
V
DDP
V
UP
Card
connector
Vcc
C1 (Vcc)
Vcc
C1 (Vcc)
C2 (RST)
C3 (CLK)
C4 (AUX1)
C5(GND)
C6 (N.C.)
C7 (I/O)
C8 (AUX2)
Card
connector
C11:
100nF filter
capacitor
PRES and PRES
V
DDP wire
VUP wire
PGND
S2
S1
V
DDP
V
UP
Card
connector
Vcc
C1 (Vcc)
Vcc
C1 (Vcc)
C2 (RST)
C3 (CLK)
C4 (AUX1)
C5(GND)
C6 (N.C.)
C7 (I/O)
C8 (AUX2)
Card
connector
C11:
100nF filter
capacitor
PRES and PRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com