Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1978 Datasheet HTML 1Page - STMicroelectronics AN1978 Datasheet HTML 2Page - STMicroelectronics AN1978 Datasheet HTML 3Page - STMicroelectronics AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AN1978 - APPLICATION NOTE
3/14
Figure 3: Deactivation sequence
3. CLOCK TO THE CARD
The clock signal to the card is present on the CLK pin when the ST8004 is activated; ; its frequency can
be of the same value as one of its ratios compared to the input one (crystal or signal) as shown in the
following table (Table 1: CLK division).
Table 1: CLK Division
According to the EIA/ISO7816 specifications, the CLK duty cycle must be enclosed between 45% and
55% even if the clock division changes. In this case, at CLKDIV change, the ST8004 waits for the first
falling edge to ensure the duty cycle accuracy, as shown in Figure 4.
CLKDIV 1
CLKDIV 2
CLK
0
0
1/8 fXTAL
01
¼ fXTAL
11
½ fXTAL
10
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com