Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics AN1978 Datasheet HTML 10Page - STMicroelectronics AN1978 Datasheet HTML 11Page - STMicroelectronics AN1978 Datasheet HTML 12Page - STMicroelectronics AN1978 Datasheet HTML 13Page - STMicroelectronics AN1978 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AN1978 - APPLICATION NOTE
10/14
Figure 13: Vth2 threshold.
5.2. Vcc short-circuit protection
An important feature of the voltage regulator is the short-circuit protection that warns the sequencer
block (see Figure 1) if the output current grows more than the short circuit current limit (about 90mA). In
this case a deactivation sequence starts to protect the card and the OFF pin falls down warning the
occurred fault as shown in Figure18. The following figures (Figure 14 and Figure 15) show the load curve
of the ST8004 Step-up converter and regulator.
As specified in the NDS electrical requirements the ST8004 is able to maintain the Vcc voltage included
in the range 4.75V÷5.25V for the Class-A and 2.80V÷3.20V for the Class-B with current load from 0 to
the short-circuit current.
An example of short circuit protection intervention is shown in Figure 16, in which the activation
sequence starts in presence of a Vcc short circuit and the protection acts at the end of the activation
sequence.
If the short circuit condition happens when the device is already activated, the protection acts
immediately as shown in Figure 17.
Conditions:
V
THSEL= VDD or floating;
V
DD= 4.5V to 2V;
V
DDP=5V;
5/3V=H.
CH1: Vcc
CH2: V
DD.
CH3: RST pin.
When the V
DD voltage falls
below
the
Vth2
value
(about 2.1V) a deactivation
sequence starts; the RST
pin (CH3) is the first to go
low after about 6µs.
Conditions:
V
THSEL= VDD or floating;
V
DD= 4.5V to 2V;
V
DDP=5V;
5/3V=H.
CH1: Vcc
CH2: V
DD.
CH3: RST pin.
When the V
DD voltage falls
below
the
Vth2
value
(about 2.1V) a deactivation
sequence starts; the RST
pin (CH3) is the first to go
low after about 6µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com