Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1978 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1978
Description  SMART CARD INTERFACE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1978 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1978 Datasheet HTML 1Page - STMicroelectronics AN1978 Datasheet HTML 2Page - STMicroelectronics AN1978 Datasheet HTML 3Page - STMicroelectronics AN1978 Datasheet HTML 4Page - STMicroelectronics AN1978 Datasheet HTML 5Page - STMicroelectronics AN1978 Datasheet HTML 6Page - STMicroelectronics AN1978 Datasheet HTML 7Page - STMicroelectronics AN1978 Datasheet HTML 8Page - STMicroelectronics AN1978 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AN1978 - APPLICATION NOTE
2/14
2. SEQUENCER
Core of the ST8004 is the sequencer (shown in figure 1) that must coordinate the enable signals for the
activation and deactivation sequence and check for possible fault conditions. This because the smart
card is basically a microcontroller and needs to be activated/deactivated by a correct sequence as
required by the ISO/IEC7816 standard.
Figure 2 and figure 3 show respectively the ST8004 activation and deactivation sequences.
Figure 2: Activation sequence
As shown in figure 2, when the PRES condition is true (PRES = low or PRES = high) and CMDVCC goes
low, the activation sequence starts; the first block to be enabled is the step-up converter (VUP), while the
last enabled signal is the RST that allows the start of the card software.
Figure 3 shows the deactivation sequence when the CMDVCC goes high. During the deactivation the I/O
outputs are deactivated at the time t13 being forced into a three-state condition, following the Vcc slope
(see CH 1 in figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com