Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 8Page - STMicroelectronics UM0670 Datasheet HTML 9Page - STMicroelectronics UM0670 Datasheet HTML 10Page - STMicroelectronics UM0670 Datasheet HTML 11Page - STMicroelectronics UM0670 Datasheet HTML 12Page - STMicroelectronics UM0670 Datasheet HTML 13Page - STMicroelectronics UM0670 Datasheet HTML 14Page - STMicroelectronics UM0670 Datasheet HTML 15Page - STMicroelectronics UM0670 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
UM0670
Bill of material
Doc ID 15327 Rev 2
12/43
6
Bill of material
Table 3.
STEVAL-ILL013V1 demonstration board bill of material (1)
I
Q
Reference
Part
Note
Manufacturer
Order code
1
1 J1
Socket
Input socket
2
1 F1
Fuse
2.5 A / 250 V
3
1 F1
Fuse socket
Socket
41 NTC
10
Ω
NTC thermistor
EPCOS
B57235S100M
5
1 TR1
2 x 22 mH / 1 A
Common mode choke
EPCOS
B82732R2102B030
6
1 BR1
1 A / 250 V
Diode bridge
7
1 C101
1 nF / 250 VAC
Y1 capacitor
Murata Manufacturing
Co., Ltd.
DE1E3KX102MA5B
8
1 C102
470 nF / 265 VAC
X2 capacitor
EPCOS
B32922C3474K
9
2 C103, C104
220 nF / 265 VAC
X2 capacitor
EPCOS
B32922C3224M
10 1 C105
10 nF / 63 V
SMD capacitor 1206
11 2 C106, C202
100 nF / 63 V
SMD capacitor 1206
12 1 C107
10 µF / 35 V
Electrolytic capacitor
13 2 C108, C109
12 nF / 63 V
SMD capacitor 1206
14 1 C110
33 µF / 35 V
Electrolytic capacitor
15 1 C111
2200 nF / 25 V X7R
SMD 1206 ceramic
capacitor
AVX
12063C225KAT2A
16 1 C112
150 nF / 50 V
SMD capacitor 1206
17 1 C113
47 µF / 450 V
Electrolytic capacitor
EPCOS
B43501A5476M000
18 1 D101
18 V / 0.5 W
Zener diode
19 4
D102, D104,
D201, D204
1N4148
SMD diode
20 1 D103
STTH1L06U
SMB package
STMicroelectronics
STTH1L06U
21 2 U101, U201
L6562A
PFC controller
STMicroelectronics
L6562AD
22 4
R101, R102
R103, R104
1 M
Ω
SMD resistors 1206
23 1 R105
15 k
Ω
SMD resistors 1206
24 2 R106, R107
270 k
Ω
SMD resistors 1206
25 2 R108, R109
47
Ω
SMD resistors 1206
26 3
R110, R116,
R208
47 k
Ω
SMD resistors 1206
27 2 R111, R122
0
Ω
SMD resistors 1206
28 3
R112, R113,
R114
1
Ω / 1%
SMD resistors 1206
29 2 R115, R201
33
Ω
SMD resistors 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com