Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 18Page - STMicroelectronics UM0670 Datasheet HTML 19Page - STMicroelectronics UM0670 Datasheet HTML 20Page - STMicroelectronics UM0670 Datasheet HTML 21Page - STMicroelectronics UM0670 Datasheet HTML 22Page - STMicroelectronics UM0670 Datasheet HTML 23Page - STMicroelectronics UM0670 Datasheet HTML 24Page - STMicroelectronics UM0670 Datasheet HTML 25Page - STMicroelectronics UM0670 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
UM0670
Measurement
Doc ID 15327 Rev 2
22/43
Figure 18.
Output LED current for different LED voltage (ILED = 1000 mA)
9.2
Power MOSFET turn ON and OFF time
The power MOSFET turn ON and OFF time is shown in Figure 19. Turn ON time is
approximately 50 ns and turn OFF time is approximately 120 ns (OFF time is used in
Equation 13 in the appendix).
Figure 19.
Power MOSFET turn ON and OFF measurement
9.3
LED current ripple reduction
The output LED current ripple can be reduced by increasing the output capacitor size. For
example, inductor current ripple is 400 mA for the 100 nF / 450 V output capacitor, as shown
in Figure 20. Thanks to the larger 470 nF capacitor used on the STEVAL-ILL013V1, the
VLED v s. ILED for nominal LED current 1 A
0
200
400
600
800
1000
1200
63
84
103
122
LED voltage [V]
LED
current
[mA]
1 A
AM00405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com