Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 28Page - STMicroelectronics UM0670 Datasheet HTML 29Page - STMicroelectronics UM0670 Datasheet HTML 30Page - STMicroelectronics UM0670 Datasheet HTML 31Page - STMicroelectronics UM0670 Datasheet HTML 32Page - STMicroelectronics UM0670 Datasheet HTML 33Page - STMicroelectronics UM0670 Datasheet HTML 34Page - STMicroelectronics UM0670 Datasheet HTML 35Page - STMicroelectronics UM0670 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
UM0670
Design features
Doc ID 15327 Rev 2
32/43
10
Design features
10.1
Proper startup circuit design
High PF boost converter design is described in the EVL6562A-TM-80W (Section 11:
References and related materials: 1.) and this type of design typically includes a single
electrolytic capacitor on the VCC pin of the L6562A to ensure proper startup. The situation
for the STEVAL-ILL013V1 is different, as this input capacitor also supplies the second
L6562A driver, used for controlling the modified buck converter, and also provides a supply
voltage for the PWM generator. Generally, this means that there is always some additional
current discharging the input capacitor during startup, and therefore the high PF boost
converter does not start properly if the low input AC voltage is applied to the board. This is
due to there being insufficient energy in the input capacitor to guarantee proper startup. The
waweforms which illustrate this situation are given in Figure 41 (circuit without capacitor
C110 and diode D104). As soon as the input voltage reaches the turn ON threshold, the
L6562A starts operating and the input voltage on the VCC pin is decreased. As soon as it
reaches the turn OFF threshold, the capacitor is charged again and the L6562A stops
operating. This behavior is repeated and so after a short period the output voltage should
reach 400 V. However, this is not possible due to low energy in the input capacitor on the
VCC pin. This problem is solved by adding capacitor C110 and diode D104 to the original
schematic, as shown in Figure 39. Thanks to this configuration the input capacitor C107 on
the VCC pin is not discharged because it is supplying the PWM generator and second
converter. Capacitor C110 is used to provide supply voltage to the PWM generator and the
second converter. Capacitor C110 is charged via a capacitive supply source connected to
the ZCD when the L6562A operates. The voltage on capacitor C110 is added to the voltage
on capacitor C107 through diode D104, and as soon as the voltage on capacitor C110 also
reaches the turn ON threshold, the L6562A starts operating continuously and the output
voltage reaches 400 V, as shown in Figure 40.
Figure 39.
Proper startup circuit design
C107
MULT
VCC
COMP
CS
INV
C110
D104
GND
L6562A
ZCD
GD
AM00412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com