Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 19Page - STMicroelectronics UM0670 Datasheet HTML 20Page - STMicroelectronics UM0670 Datasheet HTML 21Page - STMicroelectronics UM0670 Datasheet HTML 22Page - STMicroelectronics UM0670 Datasheet HTML 23Page - STMicroelectronics UM0670 Datasheet HTML 24Page - STMicroelectronics UM0670 Datasheet HTML 25Page - STMicroelectronics UM0670 Datasheet HTML 26Page - STMicroelectronics UM0670 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Measurement
UM0670
23/43
Doc ID 15327 Rev 2
output current ripple is reduced to 92 mA (see Figure 13). However, there are some
limitations for the capacitors used in dimmable applications, as capacitors that are too large
cause a decrease in dimming resolution (minimum duty cycle is limited). The 470 nF
capacitor used on the STEVAL-ILL013V1 is a good compromise between lower output
current ripple and good dimming resolution, as illustrated in Figure 12.
Figure 20.
LED current ripple for the 100 nF output capacitor
9.4
Standard EN61000-3-2 measurement
Figure 21.
EN61000-3-2 analysis for LED current of 350 mA and VIN from 85 V to 160 VAC
EN61000-3-2 analysis for LED current 350 mA at 12 LEDs VIN from 85 V to 160 V AC
0
200
400
600
800
1000
1200
13579
135 79
13579
13579
13 579
1 3579
85 V
100 V
110 V
120 V
140 V
160 V
Current
[mA]
Real
Limits
AM00406



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com