Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 9Page - STMicroelectronics UM0670 Datasheet HTML 10Page - STMicroelectronics UM0670 Datasheet HTML 11Page - STMicroelectronics UM0670 Datasheet HTML 12Page - STMicroelectronics UM0670 Datasheet HTML 13Page - STMicroelectronics UM0670 Datasheet HTML 14Page - STMicroelectronics UM0670 Datasheet HTML 15Page - STMicroelectronics UM0670 Datasheet HTML 16Page - STMicroelectronics UM0670 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Bill of material
UM0670
13/43
Doc ID 15327 Rev 2
30 1 R117
22 k
Ω
SMD resistors 1206
31 2 R118, R119
1 M
Ω / 1%
Axial resistor 0.6 W / 1%
32 1 R120
15 k
Ω / 1%
SMD resistors 1206
33 1 R121
82 k
Ω / 1%
SMD resistors 1206
34 3
R123, R124
R125
330 k
Ω
SMD resistors 1206
35 2 R126, R127
20 k
Ω
Axial resistor 0.6 W
36 1 R128
43 k
Ω
SMD resistor 1206
37 1 T101
Transformer
E25/13/7 1.5 mm gap , N67
Primary: 105 turns 2 x 0.3
Secondary: 11 turns 1 x 0.3
38 1 Q101
STP8NM50
Power MOSFET
STMicroelectronics
STP8NM50FP
39 1 Q102
BUX87
Bipolar transistor
STMicroelectronics
BUX87
40 2 Heat sink
Heat sink for MOSFETs
41 2 R202, R207
1k
Ω
SMD resistors 1206
42 2 R203, R209
3900
Ω
SMD resistors 1206
43 1 R204
1.5
Ω / 0.6 W
Axial resistor
44 1 R205
2.7
Ω / 0.6 W
Axial resistor
45 1 R206
2.2
Ω / 0.6 W
Axial resistor
46 1 C201
22 µF / 35 V
Electrolytic cap
47 1 C203
220 pF / 63 V
SMD capacitor 1206
48 1 C204
390 pF / 63 V
SMD capacitor 1206
49 1 C205
820 pF / 63 V
SMD capacitor 1206
50 1 C206
1.5 nF / 63 V
SMD capacitor 1206
51 1 C207
330 pF / 63 V
SMD capacitor 1206
52 1 C208
0.47 µF / 450 V
Electrolytic capacitor
EPCOS
B43827A5474M000
53 1 D202
STPSC806D
Silicon carbide diode
STMicroelectronics
STPSC806D
54 1 D203
STTH1L06A
SMA package
STMicroelectronics
STTH1L06A
55 4
JP1, JP2
JP3, JP4
Jumper
Two pin connector
56 2 JPJ1, JPJ2
Jumper
Jumpers
57 1 J2
Socket
Output socket
58 1 J3
Socket
Output socket
59 1 J4
Socket
PWM socket
60 1 Q201
STF9NM50N
Power MOSFET
STMicroelectronics
STF9NM50N
61 1 L201
1.6 mH
E25/13/7 2 mm gap N67,
172 turns 1 x 0.28
1.
The power MOSFET STF9NM50N can be replaced by STF10NM60N.
Table 3.
STEVAL-ILL013V1 demonstration board bill of material (continued)(1)
I
Q
Reference
Part
Note
Manufacturer
Order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com