Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 35Page - STMicroelectronics UM0670 Datasheet HTML 36Page - STMicroelectronics UM0670 Datasheet HTML 37Page - STMicroelectronics UM0670 Datasheet HTML 38Page - STMicroelectronics UM0670 Datasheet HTML 39Page - STMicroelectronics UM0670 Datasheet HTML 40Page - STMicroelectronics UM0670 Datasheet HTML 41Page - STMicroelectronics UM0670 Datasheet HTML 42Page - STMicroelectronics UM0670 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
UM0670
Design calculation
Doc ID 15327 Rev 2
40/43
Power loss on the STPSC806D diode is:
Equation 17
where forward diode voltage was found for the average diode current 0.8 A in the datasheet
(see datasheet Section 11: References and related materials: 4.).
Calculated junction diode temperature without using heat sink is:
Equation 18
Junction-to-case thermal resistance is available in the datasheet for the STPSC806D and
case-to-ambient temperature is determined by the device package used. In this case, the
TO-220 package is used and its thermal resistance is typically 60 °C / W.
Calculated junction diode temperature without using a heat sink is much lower than the
maximum junction temperature for the STPSC806D, and therefore this diode is suitable for
the design.
One of the most important things to consider is proper inductor design. The inductor size
was calculated in Equation 8, but generally the inductor size by itself is not enough to ensure
proper inductor design and therefore several additional equations are used for completing
overall inductor construction.
First, the inductor core size must be selected and for this selection it is very helpful to
calculate the minimum area product using application parameters. Minimum required core
area product (AP), where the flux swing is limited by core saturation is:
Equation 19
where the constant is Cl = JMAX x CR x 10
–4 = 420 x 0.5 x 10–4.
The inductor core E25 from EPCOS was selected. The minimum core cross section is 51.5
mm2 and the winding cross section is 61 mm2 (see datasheet Section 11: References and
related materials: 5.) and the calculated product area is:
Equation 20
The calculated product area is bigger than the minimum required product area, and
therefore the inductor core E25 can be used.
P
LOSS D
I
AVR D
V
F
×
0.8
0.7
0.56W
=
×
=
=
T
J
P
LOSS D
R
thJC
R
thCA
+
()
×
T
A
0.56
2.4
60
+
() 30 65° C
=
+
×
=
+
=
AP
MIN
Ll
PEAK
×
l
RMS
×
B
MAX
Cl
×
---------------------------------------------
⎝⎠
⎛⎞
4
3
---
1.6
10
3
–
1.4
1
×
×
×
0.3
420
0.5
10
4
–
×
×
×
------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
4
3
---
0.2518cm
4
=
=
=
AP
A
N
A
MIN
61
51.5
0 31415cm
4
,
=
×
=
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com