Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 33Page - STMicroelectronics UM0670 Datasheet HTML 34Page - STMicroelectronics UM0670 Datasheet HTML 35Page - STMicroelectronics UM0670 Datasheet HTML 36Page - STMicroelectronics UM0670 Datasheet HTML 37Page - STMicroelectronics UM0670 Datasheet HTML 38Page - STMicroelectronics UM0670 Datasheet HTML 39Page - STMicroelectronics UM0670 Datasheet HTML 40Page - STMicroelectronics UM0670 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Design calculation
UM0670
37/43
Doc ID 15327 Rev 2
Appendix A
Design calculation
The aim of this section is to demonstrate how the components for the modified buck
converter are calculated. Design calculation follows precisely the equations used in
application note AN2928 (Section 11: References and related materials: 2.). Therefore,
please refer to this application note for more information.
A.1
Design specifications for a modified buck convertor
●
VIN = 400 V
●
VLED = 80 V
●
IAVR = 1 A
●
IMAX = 1.4 A
●
IMIN = 0.6 A
●
f = 50 kHz
●
TA = 30 °C
●
TJMAX_MOSFET = 70 °C
Modified buck converter working with duty cycle (output LED current is 1 A):
Equation 1
Calculated OFF time for selected switching frequency of 50 kHz is:
Equation 2
Now, the FOT network should be calculated. First, resistor R203 is selected:
R203 = 3900 Ω
Two capacitors in parallel (C204 and C206) are used for the 1 A output LED current (jumper
JP3 is connected) and their size is determined using the following equation:
Equation 3
Therefore the capacitors C204 and C206 have the following size:
C204 = 390 pF
C206 = 1.5 nF
D
V
LED
V
IN
--------------
80
400
----------
0.2
==
=
t
OFF
1D
–
()
f
------------------
10.2
–
()
50000
----------------------
16
μs
==
=
C
204
C
206
||
t
OFF
2.1
R
203
×
---------------------------
16
10
6
–
×
2.1
3900
×
----------------------------
1.95nF
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com