Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 12Page - STMicroelectronics UM0670 Datasheet HTML 13Page - STMicroelectronics UM0670 Datasheet HTML 14Page - STMicroelectronics UM0670 Datasheet HTML 15Page - STMicroelectronics UM0670 Datasheet HTML 16Page - STMicroelectronics UM0670 Datasheet HTML 17Page - STMicroelectronics UM0670 Datasheet HTML 18Page - STMicroelectronics UM0670 Datasheet HTML 19Page - STMicroelectronics UM0670 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
UM0670
STEVAL-ILL013V1 performance
Doc ID 15327 Rev 2
16/43
Figure 11.
Total harmonic distortion for wide input voltage range
0.00
2.00
4.00
6.00
8.00
10.00
12.00
85
100
110
120
140
160
180
200
220
230
240
265
Input v oltage [V]
THD [%]
700 mA at 6 LEDs
350 mA at 12 LEDs
1 A at 4 LEDs
AM00398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com