Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 35Page - STMicroelectronics UM0670 Datasheet HTML 36Page - STMicroelectronics UM0670 Datasheet HTML 37Page - STMicroelectronics UM0670 Datasheet HTML 38Page - STMicroelectronics UM0670 Datasheet HTML 39Page - STMicroelectronics UM0670 Datasheet HTML 40Page - STMicroelectronics UM0670 Datasheet HTML 41Page - STMicroelectronics UM0670 Datasheet HTML 42Page - STMicroelectronics UM0670 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
Design calculation
UM0670
41/43
Doc ID 15327 Rev 2
The number of turns for the inductor is:
Equation 21
where the inductance factor Al for the E25 core and 2 mm gap is calculated:
Equation 22
K1 = 70 (see datasheet Section 11: References and related materials: 5.)
K2 = – 0,73 (see datasheet Section 11: References and related materials: 5.)
s = E25 core air gap [mm].
The last step to complete the inductor design is to calculate the wire diameter.
Maximum inductor power dissipation is:
Equation 23
The wire resistance on the inductor is (copper wire with diameter of 0.28 mm is chosen):
Equation 24
where average turn length IN is written in the core datasheet (see datasheet Section 11:
References and related materials 5.).
The power dissipation on the wire is:
Equation 25
The power loss in the wire is much lower than the maximum power loss in the inductor, and
so a wire with a diameter of 0.28 mm is suitable for this inductor.
N
L
A
L
------
1.6
10
3
–
×
54.22
10
9
–
×
----------------------------------
172
=
=
=
A
L
K
1
s
1
K
2
------
×
90
2
1
0.73
–
--------------
×
54.22nH
=
=
=
P
MAX LOSS
T
MAX
T
A
–
R
T
---------------------------
70
30
–
40
-------------------
1W
=
=
=
R
ρ×
l
s
---
ρ
l
N
N
×
π d
×
----------------
×
1.76
10
6
–
5172
×
3.14
0.028
×
----------------------------------
×
×
17.2m
Ω
=
=
=
=
P
WIR E
Rl
AVR
2
×
17.2
10
3
–
1
2
17.2mW
=
×
×
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com