Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 10Page - STMicroelectronics UM0670 Datasheet HTML 11Page - STMicroelectronics UM0670 Datasheet HTML 12Page - STMicroelectronics UM0670 Datasheet HTML 13Page - STMicroelectronics UM0670 Datasheet HTML 14Page - STMicroelectronics UM0670 Datasheet HTML 15Page - STMicroelectronics UM0670 Datasheet HTML 16Page - STMicroelectronics UM0670 Datasheet HTML 17Page - STMicroelectronics UM0670 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
UM0670
STEVAL-ILL013V1 performance
Doc ID 15327 Rev 2
14/43
7
STEVAL-ILL013V1 performance
Figure 8 shows the efficiency of the STEVAL-ILL013V1 (measured also with an external
PWM generator) for the output LED current 350 mA, 700 mA and 1 A, over the entire input
voltage range.
Measured efficiency for the input voltage of 230 V was above 90% (90.49% for the 350 mA
output LED current, 90.53% for the 700 mA output LED current, and 90.3% for the 1 A
output LED current)
Efficiency for the input voltage of 110 V was above 87% (88.05% for the 350 mA output LED
current, 88.2% for the 700 mA output LED current and 87.37% for the output LED current of
1 A).
Measured PF for the output LED current of 350 mA, 700 mA and 1 A is shown in Figure 9
and Figure 10. PF for the input voltage of 110 VAC is 0.99, and 0.98 for the input voltage of
230 VAC.
THD is demonstrated in Figure 11, and as it can be observed is below 12% over the whole
input voltage range.
Note:
LE UW E3B OSTAR® LEDs from OSRAM were used as the load (see Section 11:
References and related materials: 6.).
Figure 8.
Efficiency over the whole input voltage range
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
85
100 110 120 140 160 180 200 220 230 240 265
Input v oltage [V]
Efficiency [%]
700 mA at 6 LEDs
350 mA at 12 LEDs
1 A at 4 LEDs
AM00395



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com