Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0670 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0670 Datasheet HTML 15Page - STMicroelectronics UM0670 Datasheet HTML 16Page - STMicroelectronics UM0670 Datasheet HTML 17Page - STMicroelectronics UM0670 Datasheet HTML 18Page - STMicroelectronics UM0670 Datasheet HTML 19Page - STMicroelectronics UM0670 Datasheet HTML 20Page - STMicroelectronics UM0670 Datasheet HTML 21Page - STMicroelectronics UM0670 Datasheet HTML 22Page - STMicroelectronics UM0670 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Measurement
UM0670
19/43
Doc ID 15327 Rev 2
9
Measurement
9.1
Output waveform measurement
Figure 13 shows the output LED current waveform. The LED current was set to 350 mA and,
as shown, the current ripple is 92 mA and the switching frequency for the modified buck
converter is 125 kHz. The input voltage was 230 VAC and 12 LEDs were used as the load
(OSTAR LED LE UW E3B; see Section 11: References and related materials 6).
The output LED current slightly varies with the output voltage, as explained in detail in
application note AN2928, (Section 11: References and related materials 2) and therefore
this design is optimal for a fixed number of LEDs. The output LED current accuracy for
different LED voltages is demonstrated in Figure 14.
Figure 13.
Output LED current waveform (ILED = 350 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com