Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 3Page - STMicroelectronics AN993 Datasheet HTML 4Page - STMicroelectronics AN993 Datasheet HTML 5Page - STMicroelectronics AN993 Datasheet HTML 6Page - STMicroelectronics AN993 Datasheet HTML 7Page - STMicroelectronics AN993 Datasheet HTML 8Page - STMicroelectronics AN993 Datasheet HTML 9Page - STMicroelectronics AN993 Datasheet HTML 10Page - STMicroelectronics AN993 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
AN993
L6574 ballast driver
Doc ID 5656 Rev 10
7/27
8
EN1
Enable 1. This pin (active high), forces the device into a latched shutdown state (like
in undervoltage conditions). There are two ways of resuming normal operation: the
first is by reducing the supply voltage below the undervoltage threshold and then
increasing it again until the valid supply is recognized; the second is by activating the
EN2 input (see Figure 9). The Enable 1 is specifically designed for strong faults (for
example, in case of lamp disconnection).
9
EN2
Enable 2. EN2 input (active high) restarts the start-up procedure (preheating and
ignition sequence). This feature is useful if the lamp does not turn on after the first
ignition sequence (see Figure 10).
10
GND
Ground.
11
LVG
Low-side driver output. This pin must be connected to the low-side power MOSFET
gate of the half bridge. A resistor connected between this pin and the power
MOSFET gate can be used to reduce the peak current.
12
VS
Supply voltage. This pin is connected to the supply filter capacitor (15.6 V typical).
13
N.C.
Not connected. This pin sets a distance between the pins related to the high-voltage
side and those related to the low-voltage side.
14
OUT
High-side driver floating reference. This pin must be connected close to the source of
the high-side power MOSFET or IGBT.
15
HVG
High-side driver output. This pin must be connected to the high-side power MOSFET
gate of the half bridge. A resistor connected between this pin and the power
MOSFET gate can be used to reduce the peak current.
16
VBOOT
Bootstrapped supply voltage. The bootstrap capacitor must be connected between
this pin and OUT. A patented integrated circuit replaces the external bootstrap diode
by means of a high-voltage DMOS, synchronously driven with the low-side power
MOSFET.
Table 1.
Description of device pins (continued)
Number
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com