Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 9Page - STMicroelectronics AN993 Datasheet HTML 10Page - STMicroelectronics AN993 Datasheet HTML 11Page - STMicroelectronics AN993 Datasheet HTML 12Page - STMicroelectronics AN993 Datasheet HTML 13Page - STMicroelectronics AN993 Datasheet HTML 14Page - STMicroelectronics AN993 Datasheet HTML 15Page - STMicroelectronics AN993 Datasheet HTML 16Page - STMicroelectronics AN993 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN993
Device block description
Doc ID 5656 Rev 10
13/27
3.3
Bootstrap section
Bootstrap circuitry is needed to supply the high-voltage section. This function is normally
accomplished by a high-voltage fast-recovery diode (Figure 11). In the L6574, a patented
integrated structure replaces the external diode. It is realized by means of a high-voltage
DMOS, driven synchronously with the low-side driver (LVG), with a diode connected in
series, as shown in Figure 12. An internal charge pump (Figure 12) provides the DMOS
driving voltage.
The diode connected in series to the DMOS has been added to avoid it being unintentionally
turned on.
3.3.1
Cboot selection and charging
To choose the proper Cboot value, the external MOS can be seen as an equivalent capacitor.
This capacitor Cext is related to the total gate charge of the MOS.
Equation 12
The ratio between the capacitors Cext and Cboot is proportional to the cyclical voltage loss. It
has to be:
Equation 13
For example, if Qgate is 30 nC and Vgate is 10 V, Cext is 3 nF. With Cboot = 100 nF, the drop
would be 300 mV.
Figure 10.
Startup timing diagram and EN2 function
AM01317v1
V(Cpre)
EN2
TPRE
VSupply
Time
ignition
fMAX
fMIN
preheating
IL
ignition
Foult-ignition
preheating
TIGN (TSH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com