Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 14Page - STMicroelectronics AN993 Datasheet HTML 15Page - STMicroelectronics AN993 Datasheet HTML 16Page - STMicroelectronics AN993 Datasheet HTML 17Page - STMicroelectronics AN993 Datasheet HTML 18Page - STMicroelectronics AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Description of the demonstration application
AN993
18/27
Doc ID 5656 Rev 10
The load consists of a series resonant circuit (L2-C18) with the lamp connected across the
capacitor (C18). This topology allows operation in zero voltage switching mode, to reduce
the transistor switching losses and the electromagnetic interference generated by the output
wiring of the lamp.
The blocking capacitor (C17) allows a zero average lamp current. In steady state the voltage
across these capacitors is as high as half the high voltage bus, approximately 200 V.
4.3
Preheating and ignition sequence
The turn-on sequence can be divided in three phases: preheating, ignition and normal lamp
burning. The preheating of the lamp filaments is achieved by a high switching frequency fpre,
about 60 kHz, set by Rpre = R12+ P1 + R13 and CF = C12, to ensure that a current flows in
the filaments without lamp ignition. In fact, the initial voltage applied across the lamp is
below the strike potential. The duration of the preheating period Tpre is set by the capacitor
Cpre = C13. The choice of this time is strictly dependent on the type of lamp. In the
application Tpre has been set to 1.5 sec.
The ignition sequence begins after Tpre. The switching frequency decreases towards the
resonance point (L2-C18), increasing the voltage across the lamp and causing the ignition.
The time interval in which the frequency shifts, tsh, amounts to tsh = tpre/10 = 150 ms. At the
end of tsh the frequency reaches 31 kHz (R18-C12), and the current feedback loop is then
activated.
4.4
Current feedback loop
The current control is achieved by varying the switching frequency of the VCO. Since
controlling the average current in the lamp means controlling the output power, it is quite
easy to perform the control function. The operational amplifier compares the low-pass
filtered half-bridge current with a reference, achieved by a portion of the voltage at pin 2
(VPIN2 = 2 V). This set-point could be changed by the trimmer P1 to perform the dimming
function. The amplifier’s output is connected to the RING pin by D4 and R16. The diode D4 is
necessary to prevent the switching frequency from decreasing to below the value set by
R18.
At start-up the voltage across RS2 (Figure 15) remains low until the lamp ignites. As such,
the inverting input of the amplifier (pin 6) also stays low, while the non-inverting input (pin 7)
is set to a constant voltage (set-point) by the divider R12, P1 and R13.
Therefore, the amplifier’s output (pin 5) remains high (5 V) until the lamp ignites, and D4 is
off. In this condition, the L6574 oscillates at fpre.
Once the lamp strikes on (after tpre and tsh), the average voltage across RS2 increases and
the feedback can regulate the lamp’s current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com