Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics AN993 Datasheet HTML 23Page - STMicroelectronics AN993 Datasheet HTML 24Page - STMicroelectronics AN993 Datasheet HTML 25Page - STMicroelectronics AN993 Datasheet HTML 26Page - STMicroelectronics AN993 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Dimming the lamp
AN993
24/27
Doc ID 5656 Rev 10
6
Dimming the lamp
The lamp is dimmed by changing the working frequency. The minimum working frequency
is:
Equation 18
To change the working frequency, one has to change the current that flows from pin 4. Using
the circuitry shown in Figure 15, the current that flows from pin 4 also depends on the
amplifier’s out pin (pin 5) voltage: if V5 > V4, there will be no current in R16 and the
frequency will be equal to fmin. On the other hand, when the amplifier’s out voltage goes
lower than V4, the current that flows from pin 4 will go into R16 and R18. Pin 4 sees the
parallel between R18 and an equivalent resistor that depends on V5 and on the voltage of
D4.
Equation 19
So the working frequency will be:
Equation 20
and the max fworking is obtained when V5 = 0 V.
For example, we can calculate a maximum frequency of ~53 kHz (V4 = 2 V and assuming
Vdiode3 = 0.5 V).
The dimming level is set by changing the value of the P1 potentiometer, which causes the
amplifier’s positive reference to change from 20-30 mV to 110-120 mV. If R16 is lowered, the
maximum working frequency is increased and the dimming level lowered as well (the higher
the frequency, the lower the current in the lamp’s arc).
If one tries to dim the lamp towards a low power range (<20% of the electrical arc power) a
common effect is the presence of stationary waves along the lamp tube and/or some
flickering effects.
A common trick to get rid of these disturbances is to add a small continuous current flow
inside the lamp (a few mA). The easiest way to do this is to add a resistor in parallel to the
half battery capacitor (C17 in Figure 13 and Figure 18). For instance, one can add 50 k
Ω
(I = 200 V/50 k
Ω = 4 mA), which is already very effective. Of course, the resistor has to be
able to sustain the power dissipation caused by the current flow, so it is common to use
many resistors connected in parallel.
Remember that this is only a tip. It helps but is not enough, and should be used together
with the right frequency settings that must be chosen according to the type of lamp.
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com