Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 7Page - STMicroelectronics AN993 Datasheet HTML 8Page - STMicroelectronics AN993 Datasheet HTML 9Page - STMicroelectronics AN993 Datasheet HTML 10Page - STMicroelectronics AN993 Datasheet HTML 11Page - STMicroelectronics AN993 Datasheet HTML 12Page - STMicroelectronics AN993 Datasheet HTML 13Page - STMicroelectronics AN993 Datasheet HTML 14Page - STMicroelectronics AN993 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN993
Device block description
Doc ID 5656 Rev 10
11/27
Equation 10
Equation 11
These equations fit well with the measured values, especially in the frequency range of 30 to
100 kHz. Figure 8 shows a comparison between the measured and computed data of fmin
(at Cf = 470 pF).
To summarize:
If Rpre is not connected at pin 2, there is no Δf, so fmax and fmin have the same value.
Furthermore, there is no Imax, that is to say there is no Ifs current. In this case, Cpre is
charged only once by Ipre = 2.3 µA up to 3.5 V (Figure 7 shows the first voltage rise only).
When Cpre is discharged, no Ifs current is present to recharge it. If Rpre is connected after
the preheating and ignition phases, pin 1(Cpre) is at 4.8 to 5 V with a current capability of a
few µA (1/6 IRpre). If Rpre is not connected, Cpre is at GND level in the normal operation
phase.
Figure 7.
Cpre voltage and frequency
shifting
Figure 8.
Operating frequency at Cf =
470 pF
Table 2.
Parameter dependencies
Parameter
Set by choosing...
Tpre
Cpre
Tsh
Cpre
Δf = f
max - fmax
Rpre
fmin
Rign and Cf
AM01315v1
time
time
freq
V(Cpre)
ignition
preheating
AM01316v1
40
60
80
100
120
R
ign (k
Ω)
20
40
60
80
100
120
measured values
computed values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com