Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 10Page - STMicroelectronics AN993 Datasheet HTML 11Page - STMicroelectronics AN993 Datasheet HTML 12Page - STMicroelectronics AN993 Datasheet HTML 13Page - STMicroelectronics AN993 Datasheet HTML 14Page - STMicroelectronics AN993 Datasheet HTML 15Page - STMicroelectronics AN993 Datasheet HTML 16Page - STMicroelectronics AN993 Datasheet HTML 17Page - STMicroelectronics AN993 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Device block description
AN993
14/27
Doc ID 5656 Rev 10
If the HVG needs to be supplied for a long period of time, the Cboot selection also has to take
into account the leakage losses.
The internal bootstrap driver has great advantages: the external fast-recovery diode can be
avoided (it usually has great leakage current). This structure can only work if Vout is close to
GND (or lower) and if in the meanwhile the LVG is on. The charging time (Tcharge) of the
Cboot is the time in which both conditions are fulfilled and it has to be long enough to charge
the capacitor.
The bootstrap driver introduces a voltage drop due to the DMOS RDS(on) (typical value at
25°C is 150
Ω). At low frequencies, this drop can be neglected, but must be taken into
account when the frequency is increased.
The following equation is useful to compute the drop on the bootstrap DMOS.
Equation 14
where Qgate is the gate charge of the external power MOSFET, RDS(on) is the on resistance
of the bootstrap DMOS, and Tcharge is the charging time of the bootstrap capacitor.
For example: using a power MOSFET with a total gate charge of 30 nC, the drop on the
bootstrap DMOS is about 1 V if the Tcharge is 5 µs. In fact:
Equation 15
Vdrop has to be taken into account when the voltage drop on Cboot is calculated: if this drop
is too high or if the charging time is insufficient, an external diode can be used.
Figure 11.
External bootstrap diode
connection
Figure 12.
L6574 integrated bootstrap
diode connection
V
drop
I
ch
e
arg
R
DS on
()
V
drop
Q
gate
T
ch
e
arg
-----------------------R
DS on
()
=
→
=
AM01319v1
TO LOAD
H.V.
HVG
LVG
CBOOT
DBOOT
VBOOT
VS
VOUT
AM01320v1
EX_D99IN1056
HVG
LVG
TO LOAD
H.V.
CBOOT
VS
VBOOT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com