Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 18Page - STMicroelectronics AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics AN993 Datasheet HTML 23Page - STMicroelectronics AN993 Datasheet HTML 24Page - STMicroelectronics AN993 Datasheet HTML 25Page - STMicroelectronics AN993 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Design tips
AN993
22/27
Doc ID 5656 Rev 10
When the lamp is not yet ignited, C has to allow a sufficient current to flow into the lamp
filament in order to preheat correctly. The power to be delivered to the lamp filaments (Pfil),
the preheating frequency, the lamp filament resistance r and the maximum voltage to be
applied across C without causing lamp ignition are constraints that help to evaluate the size
of the capacitor. By setting the current through the lamp filament and the maximum voltage
across the capacitor, one obtains a range of capacitor values.
Equation 17
These L, Cb and C values have to be corrected to obtain standard and commercial
component values.
Using these values and lamp equivalent resistances, the transfer functions during the
preheating and operating conditions can be calculated.
The preheating transfer function allows you to see if, when moving towards the resonant
frequency (L-C), there is a frequency at which the voltage across the lamp enables its
ignition. This frequency has to be between fmax and fmin. The gain of the transfer function
depends on r also, but r changes greatly during the preheating phase (also 3 to 4 times) and
this must be taken into consideration (see Figure 20).
The operating transfer function can be used to check if the operating voltage across the
lamp (at f = fmin) is similar to the one used to evaluate L (Figure 21).
Figure 20.
Preheating transfer function
AM01328v1
F=F(L,C,r@25C)
Vlamp
Vin
freq
F=F(L,C,r@Tpre)
fpre
1/2
∗π∗sqrt(LC)
fmin
frequency shifting during Tsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com