Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 15Page - STMicroelectronics AN993 Datasheet HTML 16Page - STMicroelectronics AN993 Datasheet HTML 17Page - STMicroelectronics AN993 Datasheet HTML 18Page - STMicroelectronics AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics AN993 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
AN993
Description of the demonstration application
Doc ID 5656 Rev 10
19/27
4.5
Start-up and supply
The start-up procedure is very important in an application that contains two different
sections.
The ballast section starts before the PFC, avoiding any extra voltage at the output of the
PFC section, and so the L6561 dynamic OVP activation (see AN966). This behavior is
guaranteed under all conditions because the VS turn-on threshold of the L6574 is lower
than that of the L6561/2.
At start-up, the L6574 is powered by the resistor (R4 + R5). This resistor must be chosen so
as to ensure the "before start-up current" of both the L6561 and L6574.
When the ballast section is running, the charge pump (C11, R14, R17, D3 and DZ1)
enables supply to both devices. R17 and C10 enable reduction of noise at VCC.
Figure 15.
Current feedback loop
Figure 16.
Cpre waveform (Ch1) and amplifier output (Ch2)
AM01323v1
Q3
STP4NB50
RS_2
0.68
C9 8.2nF
R16 100K
R18 100K
D4
1N4148
R19 10k
65
4
7+
RIGN
-
AM01324v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com