Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 5 Page - STMicroelectronics

  AN993 Datasheet HTML 1Page - STMicroelectronics AN993 Datasheet HTML 2Page - STMicroelectronics AN993 Datasheet HTML 3Page - STMicroelectronics AN993 Datasheet HTML 4Page - STMicroelectronics AN993 Datasheet HTML 5Page - STMicroelectronics AN993 Datasheet HTML 6Page - STMicroelectronics AN993 Datasheet HTML 7Page - STMicroelectronics AN993 Datasheet HTML 8Page - STMicroelectronics AN993 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
AN993
L6574 ballast driver
Doc ID 5656 Rev 10
5/27
2
L6574 ballast driver
The L6574, whose internal block diagram is shown in Figure 2, is an IC intended to drive two
power MOSFETs or IGBTs in half-bridge topology, ensuring all the features needed to
properly drive and control a fluorescent bulb. Moreover, by varying the switching frequency,
it is possible to modulate the current in the lamp and as a consequence, the output power as
well. The device is available in DIP16 and SO16N packages.
The L6574 has the following distinctive features.
●
High voltage rail up to 600 V
●
dV/dt immunity
± 50 V/ns in full temperature range
●
Driver current capability (250 mA source and 450 mA sink)
●
Switching times 80/40 ns rise fall with 1 nF load
●
CMOS shutdown input
●
Under-voltage lock-out
●
Preheat and frequency shifting timing
●
Sense operational amplifier for closed-loop control or protection features
●
High-accuracy current-controlled oscillator
●
Integrated bootstrap diode
●
Clamping on VS
●
SO16, DIP16 package.
Figure 2.
Internal block diagram of the L6574
AM01310v1
OPOUT
GND
VREF
Imin
Rign
VCO
EN1
VTHE
VTHE
EN2
VS
Vboot
OUT
LVG
UV
DETECTION
VS
HVG
5
6
7
4
2
3
1
12
9
8
10
11
14
15
16
BOOTSTRAP
DRIVER
HVG
DRIVER
LVG
DRIVER
Vthpre
Ifs
Cpre
VREF
Imax
Rpre
Cf
OP AMP
+
-
OPIN-
OPIN+
DEAD
TIME
DRIVING
LOGIC
CONTROL
LOGIC
+
-
Ipre
+
-
+
-
+
-
LEVEL
SHIFTER
Cboot
LOAD
H.V.Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com