Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 8Page - STMicroelectronics AN993 Datasheet HTML 9Page - STMicroelectronics AN993 Datasheet HTML 10Page - STMicroelectronics AN993 Datasheet HTML 11Page - STMicroelectronics AN993 Datasheet HTML 12Page - STMicroelectronics AN993 Datasheet HTML 13Page - STMicroelectronics AN993 Datasheet HTML 14Page - STMicroelectronics AN993 Datasheet HTML 15Page - STMicroelectronics AN993 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Device block description
AN993
12/27
Doc ID 5656 Rev 10
3.2
Control section
The L6574 has two control functions, EN1 and EN2. Both functions are active high. To fully
understand how these functions work, refer to Figure 9 and Figure 10.
●
EN1 (latched enable) is dedicated to stopping all device functions and is usually
activated when a strong fault is detected (for example, when the lamp is disconnected).
This status can be cancelled in two different ways: either by reducing the supply voltage
below its minimum threshold, or by activating the second control pin EN2 (EN2
overrides EN1). When the device restarts, the start-up sequence is reactivated.
●
EN2 (repeating startup) is dedicated to restarting the preheating and ignition
procedure; it is normally activated when the application fails to ignite the lamp. When
EN2 is activated the starting procedure restarts. The L6574 operates to the maximum
frequency all the while that EN2 remains active.
Figure 9.
Controls timing diagram
AM01318v1
LVG
EN1
VSupply
Time
Forced restart
HVG
Latched enable
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com