Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN993 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 16Page - STMicroelectronics AN993 Datasheet HTML 17Page - STMicroelectronics AN993 Datasheet HTML 18Page - STMicroelectronics AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics AN993 Datasheet HTML 23Page - STMicroelectronics AN993 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Description of the demonstration application
AN993
20/27
Doc ID 5656 Rev 10
4.6
Safety circuitry
In normal operation the inductive load ensures a zero voltage switching mode, but if the
lamp is disconnected the switching losses in the power MOSFETs will increase
considerably. To prevent this occurrence, a safety circuitry has been designed. When the
lamp is connected the EN1 input (pin 8) of the L6574 is held close to ground by the series of
R29, the lamp filament and RS2. If the lamp is not present, EN1 is pulled up to VS by R24,
forcing the L6574 into a latched shutdown state. To resume normal operation, the ballast
must be turned off, and then on again.
A second alarm has been designed to protect the application against any extra voltages
which can arise if the lamp does not strike after the ignition sequence, for instance if the
lamp is old. A partition of this extra voltage is rectified and delivered to the EN2 input (pin 9)
of the L6574, restarting the start-up procedure (preheating and ignition sequences).
Figure 17.
Open load safety circuit
Figure 18.
Extra voltage safety circuit
AM01325v1
R24
390K
R25
20K
R29
6.8K
C19
8.2nF
1600V
LAMP
C16
.47uF
+VS
EN1 (PIN8)
D98IN816A
AM01326v1
C17
100nF
250V
LAMP
R28
3.9K
R27
750K
R26
750K
C18
8.2nF
1600V
R20
6.8K
EN2 (PIN9)
D5 1N4148
C15
330nF
L2 2.1mH
R23 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com