Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 9Page - STMicroelectronics AN3339 Datasheet HTML 10Page - STMicroelectronics AN3339 Datasheet HTML 11Page - STMicroelectronics AN3339 Datasheet HTML 12Page - STMicroelectronics AN3339 Datasheet HTML 13Page - STMicroelectronics AN3339 Datasheet HTML 14Page - STMicroelectronics AN3339 Datasheet HTML 15Page - STMicroelectronics AN3339 Datasheet HTML 16Page - STMicroelectronics AN3339 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AN3339
Functional check
Doc ID 18449 Rev 2
13/44
4
Functional check
Standby supply
In Figure 9 and 10 some waveforms of the standby supply under rated load operation are
reported. It is based on the VIPER27LN, a device integrating the controller and MOSFET in
a single DIP-7 package. The VIPER27LN works with fixed switching frequency at about 60
kHz, with frequency jittering to reduce EMI. In order to obtain a good efficiency and to
reduce transformer size the converter has been designed to operate in continuous
conduction mode at low mains (Figure 9) and discontinuous conduction mode at high mains
(Figure 10) if PFC and resonant are not working.
In Figure 11 the converter waveforms are captured once the PFC is working. The small
value of the standby transformer leakage inductance allows limited dissipation on the
clamping network across the primary winding. In addition, the drain peak voltage is well
below the VIPER27LN rating even with maximum input voltage and full load operation.
Waveforms relevant to the secondary side are represented in Figure 12: the maximum
reverse voltages applied to the rectifier are well below the component maximum ratings.
Figure 9.
Standby supply waveforms at 115
Vac - 60 Hz - full load
Figure 10.
Standby supply waveforms at 230
Vac - 50 Hz - full load
CH2: VDD (pin #2)
CH1: DRAIN (pin #8)
CH3: CONT (pin #3)
CH4: FB (pin #4)
CH2: VDD (pin #2)
CH1: DRAIN (pin #8)
CH3: CONT (pin #3)
CH4: FB (pin #4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com