Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 25Page - STMicroelectronics AN3339 Datasheet HTML 26Page - STMicroelectronics AN3339 Datasheet HTML 27Page - STMicroelectronics AN3339 Datasheet HTML 28Page - STMicroelectronics AN3339 Datasheet HTML 29Page - STMicroelectronics AN3339 Datasheet HTML 30Page - STMicroelectronics AN3339 Datasheet HTML 31Page - STMicroelectronics AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AN3339
Bill of materials
Doc ID 18449 Rev 2
29/44
7
Bill of materials
Table 3.
Bill of materials
Des.
Part type/
part value
Description
Supplier
Case style/package
C1
2.2 nF
Y1 safety cap. DE1E3KX222M
MURATA
DWG
C2
1 µF
X2 film cap-B32923C3105K
EPCOS
11x26.5 mm P 22.5 mm
C3
1 µF
X2 film cap-B32923C3105K
EPCOS
11x26.5 mm P 22.5 mm
C4
470 nF
630 V film cap-B32613A6474K
EPCOS
11x26.5 mm P 22.5 mm
C5
470 nF
630 V film cap-B32613A6474K
EPCOS
11x26.5 mm P 22.5 mm
C6
100 µF
450 V aluminium ELCAP-PZ series
Nichicon
18x35 mm P 10 mm
C7
100 µF
450 V aluminium ELCAP-PZ series
Nichicon
18x35 mm P 10 mm
C8
2.2 nF
Y1 safety cap. DE1E3KX222M
MURATA
DWG
C9
2.2 nF
Y1 safety cap. DE1E3KX222M
MURATA
DWG
C12
100 nF
50 V cercap-X7R-10 %
KEMET
1206
C13
47 nF
50 V cercap-X7R-10 %
KEMET
0805
C14
1000 µF
35 V aluminium ELCAP-YXF series
Rubycon
12x25 mm P 5 mm
C16
100 µF
50 V aluminium ELCAP-YXF series
Rubycon
8x11 mm P 3.5 mm
C17
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C18
470 nF
50 V cercap-Y5V-20 %
KEMET
1206
C19
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C20
470 nF
16 V cercap-X7R-10 %
KEMET
0805
C21
4.7 µF
6.3 V cercap-X5R-15 %
KEMET
0805
C23
4.7 nF
50 V cercap-X7R-10 %
KEMET
0805
C24
330 pF
50 V cercap-C0G-5 %
KEMET
0805
C25
2.2 nF
50 V cercap-X7R-10 %
KEMET
0805
C26
1000 µF
25 V aluminium ELCAP-YXF series
Rubycon
12.5x20 mm P 5 mm
C27
100 µF
50 V aluminium ELCAP-YXF series
Rubycon
8x11 mm P 3.5 mm
C28
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C30
470 nF
50 V cercap-Y5V-20 %
KEMET
1206
C31
2.2 nF
50 V cercap-X7R-10 %
KEMET
0805
C32
1 µF
16 V cercap-X7R-10 %
KEMET
1206
C33
10 µF
50 V aluminium ELCAP-YXF series
Rubycon
6.3x11 mm P 2.5 mm
C34
220 pF
50 V cercap-COG-5 %
KEMET
0805
C35
4.7 nF
50 V cercap-X7R-10 %
KEMET
1206
C36
220 pF
500 V cercap-12067A221JAT2A-C0G
AVX
1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com