Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 28Page - STMicroelectronics AN3339 Datasheet HTML 29Page - STMicroelectronics AN3339 Datasheet HTML 30Page - STMicroelectronics AN3339 Datasheet HTML 31Page - STMicroelectronics AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics AN3339 Datasheet HTML 34Page - STMicroelectronics AN3339 Datasheet HTML 35Page - STMicroelectronics AN3339 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Bill of materials
AN3339
32/44
Doc ID 18449 Rev 2
L3
70 µH
1119.0013-DM inductor
MAGNETICA
26x13 mm
L4
1 µH
10710083-5 A inductor
MAGNETICA
9x12 mm P 5 mm
L5
1µH
10710083-5 A inductor
MAGNETICA
9x12 mm P 5 mm
L6
1µH
10710083-5 A inductor
MAGNETICA
9x12 mm P 5 mm
L7
1µH
10710083-5 A inductor
MAGNETICA
9x12 mm P 5 mm
Q3
STF12NM50N
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q5
STF14NM50N
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q6
STF12NM50N
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q7
BC847C
NPN small signal BJT
VISHAY
SOT-23
Q8
BC847C
NPN small signal BJT
VISHAY
SOT-23
Q9
BC857C
PNP small signal BJT
VISHAY
SOT-23
Q10
BC847C
NPN small signal BJT
VISHAY
SOT-23
Q11
BC847C
NPN small signal BJT
VISHAY
SOT-23
R1
NTC 2R5
NTC resistor - B57237S0259M000
EPCOS
DWG
R2
2.2 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R3
27 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R4
2.2 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R5
2.2 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R6
4.7 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R7
2.2 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R8
2.2 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R9
220 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R10
51 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R11
3.9 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R13
130 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R15
2.2 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R16
3.9 M
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R17
200 k
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R18
56
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R20
100 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R21
10
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R22
3.9 k
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
R23
4.7 M
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R24
4.7 k
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
Table 3.
Bill of materials (continued)
Des.
Part type/
part value
Description
Supplier
Case style/package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com