Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics AN3339 Datasheet HTML 25Page - STMicroelectronics AN3339 Datasheet HTML 26Page - STMicroelectronics AN3339 Datasheet HTML 27Page - STMicroelectronics AN3339 Datasheet HTML 28Page - STMicroelectronics AN3339 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AN3339
Functional check
Doc ID 18449 Rev 2
25/44
Figure 47 and 48 show resonant behavior in the case of mains dip. The L6599A senses the
input voltage via the resistor divider connected to the LINE pin. As seen, it is dimensioned to
keep the resonant stage on in case of PFC output voltage drop caused by mains dip.
Figure 45.
OVP at full load and 115 Vac on 24 V
output
Figure 46.
OVP at full load and 115 Vac on 12 V
and 130 V outputs
CH3: 24 V output
CH1: LVG
CH2: PFC_gate
CH4: Vcc
CH3: 12 V output
CH1: 130 V output
CH2: VDD
CH4: Vcc
Figure 47.
Half cycle mains dip at full load and
115 Vac - 60 Hz
Figure 48.
Full cycle mains dip at full load and
115 Vac - 60 Hz
CH3: 24 V output
CH1: HB voltage
CH2: PFC_out
CH4: MAINS voltage
CH3: 24 V output
CH1: HB voltage
CH2: PFC_out
CH4: MAINS voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com