Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 26Page - STMicroelectronics AN3339 Datasheet HTML 27Page - STMicroelectronics AN3339 Datasheet HTML 28Page - STMicroelectronics AN3339 Datasheet HTML 29Page - STMicroelectronics AN3339 Datasheet HTML 30Page - STMicroelectronics AN3339 Datasheet HTML 31Page - STMicroelectronics AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics AN3339 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Bill of materials
AN3339
30/44
Doc ID 18449 Rev 2
C37
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C38
220 nF
16 V cercap-X7R-10 %
KEMET
0805
C39
15 nF
1 kV-MKP film capacitor
B32652A0153J
EPCOS
5x18 mm P 15 mm
C40
47 µF
50 V aluminium ELCAP-YXF series
Rubycon
6.3x11 mm P 2.5 mm
C42
10 nF
50 V cercap-X7R-10 %
KEMET
0805
C44
47 µF
50 V aluminium ELCAP-YXF series
Rubycon
6.3x11 mm P. 2.5 mm
C45
47 nF
25 V cercap-X7R-10 %
KEMET
0805
C46
2.2 nF
Y1 safety cap. DE1E3KX222M
MURATA
DWG
C47
10 µF
450 V aluminium ELCAP-VY series
Nichicon
10x20 mm P 5 mm
C49
1000 µF
10 V aluminium ELCAP-ZLH series
Rubycon
8X16 mm P 3.5 mm
C50
1000 µF
10 V aluminium ELCAP-ZLH series
Rubycon
8X16 mm P 3.5 mm
C51
220 µF
16 V aluminium ELCAP-ZLH series
Rubycon
6.3X11 mm P 2.5 mm
C52
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C53
22 µF
50 V aluminium ELCAP-YXF series
Rubycon
5x11 mm P 2 mm
C54
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C55
2.2 nF
50 V cercap-X7R-10 %
KEMET
0805
C56
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C59
10 nF
50 V cercap-X7R-10 %
KEMET
0805
C60
100 nF
50 V cercap-X7R-10 %
KEMET
0805
C61
10 nF
50 V cercap-X7R-10 %
KEMET
0805
C62
10 µF
50 V aluminium ELCAP-YXF series
Rubycon
6.3x11 mm P 2.5 mm
C63
10 nF
50 V cercap-X7R-10 %
KEMET
0805
C64
1 nF
100 V cercap-X7R-10 %
KEMET
1206
C65
220 pF
50 V cercap-COG-5 %
KEMET
0805
C66
47 µF
200 V aluminium ELCAP-ED series
Panasonic
12.5x20 mm P 5 mm
C67
4.7 µF
200 V aluminium ELCAP-KMG series UNITED CHEMI-CON
8x11 mm P 3.5 mm
C68
100 nF
200 V cercap-X7R-20 %
KEMET
1206
C69
1000 µF
25 V aluminium ELCAP-YXF series
Rubycon
12.5x20 mm P 5 mm
D1
1N5406
Rectifier
VISHAY
DO-201
D2
STTH5L06
Ultrafast high voltage rectifier
STMicroelectronics
DO-201
D3
D10XB60H
Single phase bridge rectifier
SHINDENGEN
DWG
D4
STPS20H100CFP
HV power Schottky rectifier
STMicroelectronics
TO-220FP
D5
LL4148WS
High speed signal diode
VISHAY
SOD323
Table 3.
Bill of materials (continued)
Des.
Part type/
part value
Description
Supplier
Case style/package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com