Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3339 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 17Page - STMicroelectronics AN3339 Datasheet HTML 18Page - STMicroelectronics AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics AN3339 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AN3339
Functional check
Doc ID 18449 Rev 2
21/44
Figure 35 shows the waveforms during startup at 115 Vac and full load. Note the sequence
of the two stages: the PFC starts and its output voltage increases from the mains rectified
voltage to its nominal value. In the meantime, the L6599A is kept inactive by the LINE pin
(#7) until the PFC voltage reaches the set threshold. Then, the resonant starts operating
and the output voltage reaches the nominal level. Output voltage achieves the nominal value
150 ms after power-on signal.
Figure 36 shows the waveforms at shutdown. Opening the on/off signal, both L6564 and
L6599A are no longer supplied. Output voltage drops to 0 V 40 ms after power off signal.
Figure 37 shows details of waveforms at startup. Note that the resonant current at turn-on
has some oscillations due to the charging of the resonant elements. Anyhow, current zero-
crossing always lags the HB commutations and consequently the MOSFETs are soft-
switched.
Figure 33.
12 V and 24 V rectifier PIV
Figure 34.
130 V rectifier PIV
CH3: D9-A anode
CH1: D4-A anode
CH2: D4-B anode
CH4: D9-B anode
CH3: D26 rev. voltage
CH1: D27 rev. voltage
CH2: D25 rev. voltage
CH4: D24 rev. voltage
Figure 35.
Startup at full load and 115 Vac by
on/off signal
Figure 36.
Shut down at full load and 115 Vac
by on/off signal
CH3: +12 V o/p voltage
CH1: HB voltage
CH2: PFC drain
CH4: on/off
CH3: +12 V o/p voltage
CH1: HB voltage
CH2: PFC drain
CH4: on/off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com